PART |
Description |
Maker |
15-24-7247 15-24-7103 15-24-7161 15-24-7183 15-24- |
MiniFit BMI Rec Hdr AssyV-0 24Ckt PhB Au 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Tin V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,18 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE A-42385-18D2 V-0 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Au V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 14 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Mini-Fit BMI Rec Hdr Assy V-0 24Ckt 15247242 Multipole Connector; Number of Contacts:6; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:42385; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass
|
Molex, Inc. MOLEX INC
|
43459-0040 |
MiniFit BMI Vert Hdr MFBL /DH V2 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
71231-0021 71231-0113 71231-0013 71231-0107 71231- |
MINI FIT 12 CKT HEADER 712310021 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR W/Peg 8Ckt 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MINI FIT 8CKT HDER 712310013 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE 5CKT 30G MINIFIT HDR VT 712310107 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MINI FIT 4CKT HDER 712310105 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE 7CKT TIN MINIFIT HDR VT 712310011 7 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR Tin 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HEADER 3POS .165 VERT TIN 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr Tin 5Ckt 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
15-45-3270 15-45-3340 15-45-3330 15-45-3372 15-45- |
CGrid VT SMT Rcpt Tin 70Ckt 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt 30 SAu 40Ckt 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt 30 SAu 30Ckt 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt 30 SAu 72Ckt 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt 15 SAu 56Ckt 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt 15 SAu 60Ckt 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt Tin 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt Tin 68Ckt CGrid VT SMT Rcpt Tin 64Ckt CGrid VT SMT Rcpt Tin 14Ckt
|
Molex, Inc. MOLEX INC
|
33001-3005 33001-2022 33001-3021 33012-3021 |
MX150 RCPT 0.3 GOLD 22AWG D WIND SLD 0.5 mm2, GOLD FINISH, WIRE TERMINAL MX150 RCPT 0.3 GOLD 18/20AWG BWIND UNSLD 1 mm2, GOLD FINISH, WIRE TERMINAL MX150 RCPT 0.3 GOLD 14/16AWG DWIND UNSLD 2 mm2, GOLD FINISH, WIRE TERMINAL MX150 RCPT 0.3 TIN 14/16AWG D WIND UNSLD 2 mm2, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
SFML-115-T1-S-D SFML-120-T1-S-D SFML-130-T1-S-D SF |
CONN RCPT .05 30POS DUAL T/H 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 40POS DUAL T/H 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 60POS DUAL T/H 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 90POS DUAL T/H 90 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 80POS DUAL SMD 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 100POS DUAL SMD 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 40POS DUAL SMD 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
71231-0410 71231-0508 |
MiniFit IDT Vert Hdr 15 SAu 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit IDT Vert Hdr 15 SAu 5Ckt 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
43588-1806 43588-2001 43588-2003 |
MiniFit Jr -Peg 1 V-2 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 435882001 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr -Peg 1 /DH V-2 20Ckt 19 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
44482-0001 |
MiniFit TPA Vert Hdr 30 SAu 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
0643231029 0643231219 0643231039 0643231319 |
CP RCPT TRM 1.5
|
Molex Electronics Ltd.
|
877-95-1 |
RCPT, P.C.B, ANG, SMA
|
Winchester Electronics Corporation
|
877-94-1 |
RCPT, P.C.B, ANG, SMA
|
Winchester Electronics Corporation
|
|